Part Number Hot Search : 
120M5 M48T36 3KP10 PI74FCT V674ME02 60EPS LC070M22 2N60S
Product Description
Full Text Search
 

To Download UNAM30N1104S14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  27/8/2010 unam 30 1 ultrasonic proximity sensors ultrasonic sensors www.baumer.com general data scanning range sd 200 ... 1500 mm scanning range far limit sde 200 ... 1500 mm hysteresis typ. 4 % sde repeat accuracy < 1 mm temperature drift < 0,18 % sde/k response time ton < 100 ms release time toff < 100 ms alignment aid target indication fashing sonic frequency 200 khz output indicator led green adjustment potentiometer electrical data voltage supply range +vs 12 ... 30 vdc current consumption max. 30 ma output current < 200 ma voltage drop vd < 2 vdc residual ripple < 10 % vs short circuit protection yes reverse polarity protection yes mechanical data width / diameter 30 mm height / length 70 mm type cylindrical housing material brass nickel plated ambient conditions operating temperature -25 ... +60 c protection class ip 67 sample picture sample drawing 60 70 sw 36 le d m12 x 1 m30 x 1, 5 pot
27/8/2010 unam 30 2 ultrasonic proximity sensors ultrasonic sensors www.baumer.com order reference output circuit connection types unam 30n1104 npn make function (no) cable, 2 m unam 30n1104/s14 npn make function (no) connector m12 unam 30n3104 npn break function (nc) cable, 2 m unam 30n3104/s14 npn break function (nc) connector m12 unam 30p1104 pnp make function (no) cable, 2 m unam 30p1104/s14 pnp make function (no) connector m12 unam 30p3104 pnp break function (nc) cable, 2 m unam 30p3104/s14 pnp break function (nc) connector m12


▲Up To Search▲   

 
Price & Availability of UNAM30N1104S14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X